PART |
Description |
Maker |
IRFI630G IRFI630 IRFI630GPBF |
200V Single N-Channel HEXFET Power MOSFET in a TO-220 FullPak (Iso) package Power MOSFET(Vdss=200V, Rds(on)=0.40ohm, Id=5.9A) HEXFET? Power MOSFET Power MOSFET(Vdss=200V/ Rds(on)=0.40ohm/ Id=5.9A)
|
IRF[International Rectifier]
|
IRFR9120NPBF IRFU9120NPBF IRFR9120NTR IRFR9120NTRL |
6.6 A, 100 V, 0.48 ohm, P-CHANNEL, Si, POWER, MOSFET, TO-251AA 6.6 A, 100 V, 0.48 ohm, P-CHANNEL, Si, POWER, MOSFET, TO-252AA HEXFET Power MOSFET ( VDSS = -100V , RDS(on) = 0.48Ω , ID = -6.6A ) HEXFET Power MOSFET ( VDSS = -100V , RDS(on) = 0.48ヘ , ID = -6.6A ) ULTRA LOW ON RESISTANCE
|
International Rectifier
|
IRFD120 |
Power MOSFET(Vdss=100V, Rds(on)=0.27ohm, Id=1.3A) 功率MOSFET(减振钢板基本\u003d 100V的,的Rds(on)\u003d 0.27ohm,身份证\u003d 1.3a标准 Power MOSFET(Vdss=100V/ Rds(on)=0.27ohm/ Id=1.3A) HEXFET? Power MOSFET 100V Single N-Channel HEXFET Power MOSFET in a HEXDIP package
|
International Rectifier, Corp. IRF[International Rectifier]
|
IRFI1010N IRFI1010 |
55V Single N-Channel HEXFET Power MOSFET in a TO-220 FullPak (Iso) package Power MOSFET(Vdss=55V, Rds(on)=0.012ohm, Id=49A) Power MOSFET(Vdss=55V Rds(on)=0.012ohm Id=49A) HEXFET? Power MOSFET Power MOSFET(Vdss=55V/ Rds(on)=0.012ohm/ Id=49A)
|
IRF[International Rectifier]
|
IRC503 IRC530 |
100V Single N-Channel HEXFET Power MOSFET in a TO-220 5-Pin (HEXSense) package Power MOSFET(Vdss=100V/ Rds(on)=0.16ohm/ Id=14A) Power MOSFET(Vdss=100V, Rds(on)=0.16ohm, Id=14A) Power MOSFET(Vdss=100V Rds(on)=0.16ohm Id=14A) Hexfet? Power MOSFET
|
IRF[International Rectifier]
|
IRF9Z14S IRF9Z14L IRF9Z14STRL IRF9Z14STRR |
Power MOSFET(Vdss=-60V, Rds(on)=0.50ohm, Id=-6.7A) 功率MOSFET(减振钢板基本\u003d- 60V的,的Rds(on)\u003d 0.50ohm,身份证\u003d- 6.7A Power MOSFET(Vdss=-60V/ Rds(on)=0.50ohm/ Id=-6.7A) HEXFET? Power MOSFET -60V Single P-Channel HEXFET Power MOSFET in a D2-Pak package
|
International Rectifier, Corp. IRF[International Rectifier]
|
IRCZ44 |
60V Single N-Channel HEXFET Power MOSFET in a TO-220 5-Pin (HEXSense) package Hexfet? Power MOSFET Power MOSFET(Vdss=60V, Rds(on)=0.028ohm, Id=50A)
|
IRF[International Rectifier]
|
IRL3714L IRL3714S IRL3714 IRL3714STRR |
TRANSISTOR | MOSFET | N-CHANNEL | 20V V(BR)DSS | 36A I(D) | TO-263AB 晶体管| MOSFET的| N沟道| 20V的五(巴西)直| 36A条(丁)|63AB HEXFET? Power MOSFET Power MOSFET(Vdss=20V, Rds(on)max=20mohm, Id=36A) 20V Single N-Channel HEXFET Power MOSFET in a TO-220AB package 20V Single N-Channel HEXFET Power MOSFET in a TO-262 package 20V Single N-Channel HEXFET Power MOSFET in a D2-Pak package
|
International Rectifier, Corp. http:// IRF[International Rectifier]
|
IRF9540NSPBF IRF9540NLPBF IRF9540NSTRLPBF IRF9540N |
HEXFET POWER MOSFET (VDSS = -100V , RDS(on) = 117mヘ , ID = -23A ) HEXFET POWER MOSFET (VDSS = -100V , RDS(on) = 117mΩ , ID = -23A ) Advanced Process Technology
|
International Rectifier
|
IRF1104PBF IRF1104PBF-15 |
HEXFET POWER MOSFET ( VDSS = 40V , RDS(on) = 0.009Ω , ID = 100A ) HEXFET POWER MOSFET ( VDSS = 40V , RDS(on) = 0.009ヘ , ID = 100A ) Advanced Process Technology
|
International Rectifier
|
IRFBG20 |
1000V Single N-Channel HEXFET Power MOSFET in a TO-220AB package HEXFET? Power MOSFET Power MOSFET(Vdss=1000V, Rds(on)=11ohm, Id=1.4A)
|
IRF[International Rectifier]
|